Part Number Hot Search : 
S9006K ER3461 224002 RX5VT AMP01FX ATA6824 34WECAK ECCM1
Product Description
Full Text Search
 

To Download B1200CL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Battrax(R) SLIC Protector
RoHS
Pin 2 (Ground) Pin 3 (-VREF) Gate Negative Battrax B1xx0C_
Pin 3 (+VREF)
The Battrax SLIC protector is offered in a negative Battrax version and a positive Battrax version. The B1xx0C_ is for a -VREF and the B2050C_ is for a +VREF. Designed using an SCR and a gate diode, the B1xx0C_ Battrax begins to conduct at |-VREF| + |-1.2 V| while the B2050C_ Battrax begins to conduct at |+VREF| + |1.2 V|.
Pin 1 (Line)
Pin 1 (Line)
Positive Battrax B2050C_
Pin 2 (Ground)
Electrical Parameters
Part Number * B1100C_L B1160C_L B1200C_L Part Number * B2050C_L VDRM Volts |-VREF| + |-1.2 V| |-VREF| + |-1.2 V| |-VREF| + |-1.2 V| VDRM Volts |+VREF| + |1.2 V| VS Volts |-VREF| + |-10 V| |-VREF| + |-10 V| |-VREF| + |-10 V| VS Volts |+VREF| + |10 V| VT Volts 4 4 4 VT Volts 4 IDRM Amps 5 5 5 IDRM Amps 5 IGT mAmps 100 100 100 IGT mAmps 50 IT Amps 2.2 2.2 2.2 IT Amps 2.2 IH mAmps 100 160 200 IH mAmps 5
* "L" in part number indicates RoHS compliance. For non-RoHS compliant device, delete "L" from part number. For individual "CA" and "CC" surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * IPP ratings assume VREF = 48 V. * VDRM is measured at IDRM. * VS is measured at 100 V/s. * Positive Battrax information is preliminary data. * VREF maximum value for the negative Battrax is -200 V. * VREF maximum value for the positive Battrax is 110 V.
Surge Ratings in Amps
IPP Series 0.2x310 * 2x10 * 8x20 * 0.5x700 ** 2x10 ** 1.2x50 ** Amps A C 20 50 Amps 150 500 Amps 150 400 10x160 * 10x160 ** Amps 90 200 10x560 * 10x560 ** Amps 50 150 5x320 * 9x720 ** Amps 75 200 10x360 * 10x1000 * 5x310 * ITSM 10x360 ** 10x1000 ** 10x700 ** 50 / 60 Hz Amps 75 175 Amps 45 100 Amps 75 200 Amps 20 50 di/dt Amps/s 500 500
* Current waveform in s ** Voltage waveform in s
www.littelfuse.com
3 - 74
(c) 2006 Littelfuse * Telecom Design Guide
Battrax(R) SLIC Protector
Thermal Considerations
Package Modified DO-214AA
Pin 3 (VREF)
Symbol TJ TS RJA
Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient
Value -40 to +150 -65 to +150 85
Unit C C C/W
Pin 1 (Line)
Capacitance Values
pF Part Number B1100CAL B1100CCL B1160CAL B1160CCL B1200CAL B1200CCL B2050CAL B2050CCL MIN 50 50 50 50 50 50 50 50 MAX 200 200 200 200 200 200 200 200
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Telecom Design Guide * (c) 2006 Littelfuse
3 - 75
www.littelfuse.com
SIDACtor Devices
Pin 2 (Ground)
Battrax(R) SLIC Protector
+I
+I IT IGT IH
VS VDRM -V
VT +V
IDRM -V VT VDRM VS +V
IDRM IH IGT IT -I
-I
V-I Characteristics for Negative Battrax
V-I Characteristics for Positive Battrax
Percent of VS Change - %
10
IH (TC = 25 C)
14 12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Case Temperature (TC) - C
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature Normalized DC Holding Current versus Case Temperature
www.littelfuse.com
3 - 76
(c) 2006 Littelfuse * Telecom Design Guide


▲Up To Search▲   

 
Price & Availability of B1200CL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X